Part Number Hot Search : 
PE4642 34063 PRODUCT 16F676P HAT2267H 34601 IRKT911 LT1413A
Product Description
Full Text Search
 

To Download IN5408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN5400 thru IN5408
PLASTIC SILICON RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 50 TO 1000 Volts CURRENT 3.0 Amperes
DO-201AD
FEATURE
Low forward voltage High current capability Low leakage current High surge capability Low cost
MECHANICAL DATA
Case:Mold plastic use UL 94V-0 recognized flame retardant epoxy Terminals:Axial leads, solderable per MIL-STD-202, method 208 Polarity:Color band denotes cathode Mounting Position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
IN5400 IN5401 IN5402 IN5403 IN5404 IN5405 IN5406 IN5407 IN5408
UNITS
V V V A A V
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage to TA =150 C
0
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400 3.0 150 1.2 10 500 500 50 -65 to +175 -65 to +170
500 350 500
600 420 600
800 560 800
1000 700 1000
Maximum Average Forward Rectified Current .5", (12.5mm) Lead Length at TA =75 C
0
Peak Forward Surge Current 8.3 ms single half sine-wave Maximum Forward Voltage at 3.0A Peak Maximum Reverse Current, TA =25 C at Rated DC Blocking Voltage TA =55 C
0 0
Maximum Full Load Reverse Current, Full Cycle Averge, .5", (12.5mm) Lead Length T A =105 C
0
Typical Junction Capacitance (Note 1) Storage Temperature Range TA Operating Temperature Range TJ
pF
0
C
IN5400 thru IN5408
PLASTIC SILICON RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES IN5400 THRU IN5408
Fig. 1 - TYPICAL FORWARD CHARACTERISTICS
10
Fig. 2 - PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT AMPERES
250
INSTANTANEOUS FORWARD CURRENT, AMPERES
200
1.0
TJ=25C
150
0
100
0.1
TJ = 25 C
0
50
0 1 10 100
.01 .4 .6 .8 1.0 1.2 1.4 1.6
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLT AGE, VOLTS
Fig. 3 - FORWARD CURRENT DERATING CURVE
3.0
Fig. 4 - TYPICAL JUNCTION CAPACITANCE
100
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
2.5
2.0
1.5 1.0 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INOUCTIVE LOAD .375" 9.5mm LEAD LENGTH 25 50 75 100 125 150
0
CAPACITANCE-pF
10
TJ=25C
0
0.5 0
175
1 1 10 100
AMBIENT TEMPERATURE, C
REVERSE VOLTAGE. VOLTS


▲Up To Search▲   

 
Price & Availability of IN5408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X